Part Number Hot Search : 
HWL34YRA 73S8024 EC3AB11 MS108 630BH023 90TFIR10 3PR5K PMT8250
Product Description
Full Text Search
 

To Download RRA-2405D08A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1) these are stress ratngs. exposure of devices to any of these conditons may adversely afect long-term reliability. 2) (1.5mm from case 10sec max.) 3) all specifcatons typical at ta= 25c, nominal input voltage and full load unless otherwise specifed. 4) the informaton and specifcaton contained in this data sheet are believed to be correct at tme of publicaton. however rsg accepts no responsibility for consequences arising from printng errors or inaccuracies. specifcatons are subject to change without notce. dc/dc-converter rra-s08/d08 8.0w ultra wide input regulated single & dual ? 24 pin dil package ? ultra wide input range ? 3000vdc isolaton ? en50155 approval for railway applicatons ? contnuous short circuit protecton ? over voltage protecton ? over load protecton ? efciency up to 86% ? operatng temperature range -40 ~ +85c ? metal case ? under voltage lock-out circuit ? jremote on/of control output specification voltage accuracy: 1% line regulaton: single &dual 0.5% max. load regulation: from 0% to 100% load: 0.5% max. cross regulaton (dual output): 5% over voltage protecton (zener diode clamp) : zener diode clamp over current protecton: 160%of fl, typ.. short circuit protecton : indefnite (automatc recovery) ripple noise (20mhz bandwidth): 75mv pk-pk max. temperature coefcient: 0.02%/c capacitor load: see table transient recovery time: 250us,typ. transient response: (deviaton) 3-5% max. input specifications voltage range: see table max. input current: see table no-load/full-load input current: see table input filter: pi type input refected ripple current : 20ma pk-pk typ. remote on/of (positve logic): on: 3.0~12vdc or open circuit, off: 0~1.2vdc or short circuit pin 1 and 2/3 off idle current: 5ma typ. off idle current: see table typ. general specifications efciency: see table typ. i/o isolaton voltage (60sec): 3000vdc i/o isolaton voltage metal case: 1000vdc i/o isolaton capacitance: 1000pf typ. i/o isolaton resistance: 1000m ohm switching frequency: 330khz,220khz typ. humidity: 95% rel h reliability calculated mtbf : > 0.800mhrs (mil-hdbk-217 f) safety standard: (designed to meet): iec/en 60950-1, en50155 environmental specification operatng temperature range: -40c ~+85c (see deratng curve) maximum case temperature: 105c storage temperature : -55c ~+125c cooling : nature convecton physical specifications: case material: nickel-coated copper base material: non-conductve black plastc (ul94v-0 rated) pin material: 0.5mm brass solder coated potng material: epoxy (ul94v-0 rated) weight case-dip: 18.0g dimmension dip: 1.25 x 0.8 x 0.4 absolute maximum ratings (1) input surge voltage (100ms)/ 24v models: 100vdc max. soldering temperature: 260c max. emc specifications (2) radiated-/conducted emissions: en50121-3-2 see note emi filter esd: en50121-3-2 air 8kv perf.criteria a rs: en50121-3-2 20v/m perf.criteria a eft: en50121-3-2 2.0kv perf.criteria a surge: en50121-3-2 2.0kv perf.criteria a cs: en50121-3-2 10v perf.criteria a pfmf iec 61000-4-8 10a/m perf.criteria a dc/dc-converter 8.0w ultra wide input regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 1 (4) stand juni 2016 rev 01
dc/dc-converter rra-s08/d08 6.0w regulated single & dual output dc/dc-converter 8.0w ultra wide input regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 2 (4) stand juni 2016 rev 01 2 the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail to : sa l es@motien.com.tw m o del selection guide 50% 25% 75% 100% output power -40 -20 0 20 40 60 80 100 120 ambient temperature( c ) derating curve s.o.a. 70 85 1. one load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within 5%. 2. measured with a 0.1uf ceramic capacitor and 10uf electrolytic capacitor. 3. test by nominal input voltage and constant resistor load. 4. tested by normal vin and 25% load step change ( 75%-50%-25% of io ) at 1a/ ?s. 5. measured input reflected ripple current with a simulated source inductance of 12uh and a source capacitor cin(33uf, esr<1.0? at 100khz). 6. the remote on/off control pin is referenced to -vin(pin2 , pin3). 7. exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 8. input filter components are used to help meet conducted emissions 79dbuv from 0.15-0.5mhz and 73dbuv from 0.5-30mhz requirement for the module, 9. an external filter capacitor is required if the module has to meet eft and surge in en50121-3-2. the filter capacitor rsg suggest: rra-24xxx : one electrolytic capacitor ( nippon - chemi - con ky series, 330?f/100v). rra-110xxx : two electrolytic capacitors ( ruby-con bxf series, 100?f/250v ) in parallel. 10. "nature convection" is usually about 30-65 lfm but is not equal to still air (0 lfm). ripple/noise w hich application refer to the emi filter of design & feature configuration. input out p ut model number vo lt age ran ge no-loa d full lo ad v olta ge m in. lo ad full load e ffi ci ency ca pacit or (v dc) (ma) (ma) (vdc) (ma) (ma) @fl(%) load(uf) rra-2403s08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 30 3 97. 59 3 .3 0 24 00 83 133 0 rra-2405s08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 20 3 87. 60 5 0 16 00 86 133 0 rra-2412s08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 10 3 91. 18 1 2 0 6 65 85 33 0 rra-2415s08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 10 3 88. 18 1 5 0 5 35 86 22 0 rra-2405d08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 10 4 01. 61 5 0 8 00 83 90 0 rra-2412d08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 10 3 94. 12 12 0 3 35 85 22 0 rra-2415d08a3 13.0 ~ 7 0 .0v dc or 2 4.0 vdc 10 3 85. 17 15 0 2 65 86 10 0 rra-1103s08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 10 8 8.8 9 3 .3 0 24 00 81 133 0 rra-11005s08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 10 8 6.5 8 5 0 16 00 84 133 0 rra-11012s08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 5 8 6.3 6 1 2 0 6 65 84 33 0 rra-11015s08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 5 8 7.9 0 1 5 0 5 35 83 22 0 rra-11005d08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 5 9 0.9 1 5 0 8 00 80 90 0 rra-11012d08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 5 8 9.1 4 12 0 3 35 82 22 0 rra-11015d08a3 42 .0 ~ 1 76 .0v dc or 1 10 .0v dc 5 8 7.0 8 15 0 2 65 83 10 0 input current outpu t curre nt r r a - xx xx s/d xx power (w) input t ype a x code inter nal isolation (kvdc)
dc/dc-converter rra-s08/d08 6.0w regulated single & dual output dc/dc-converter 8.0w ultra wide input regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de page 3 (4) stand juni 2016 rev 01 input reflected ripple current test step input reflected ripple current is measured through a source inductor lin(12uh) and a source capacitor cin(33uf, esr<1.0? at 100khz) at nominal input and full load. output ripple & noise measurement test use a measurement. the scope measurement bandwidth is 0-20mhz. 0.1uf ceramic capacitor and a 10uf electrolytic capacitor dc/dc converter +vout -vout +vin -vin load lin cin current probe the models listed above is just for standard type. if you need the special specification product, please contact our service member by telephone presented in shortform cover or e-mail t o : sales@motien.com.tw 3 ctrl module on / off positive logic turns on the module during high logic and off during low logic. ctrl module on/off can be controlled by an external switch between the ctrl terminal and -vin terminal. the switch can be an open collector or open drain for positive logic if the ctrl feature is not used, please leave the ctrl pin floating. +vout -vout +vin -vin load ctrl dc dc converter over voltage protection the module includes an internal output over voltage protection circuit, which monitors the voltage on the output terminals. if this voltage exceeds the over voltage set point, the module will activate the control loop of internal circuit to clamp the output voltage. over current protection the module includes an internal over current protection circuit, which will endure current limiting for an unlimited duration during output over load condition. if the output current exceeds the ocp set point, the module will shut down automatically (hiccup). the module will try to restart after shut down. if the over load condition still exists, the module will shut down again. rw - 8w ultra wide input regulated single & dual output emi filter input filter components (c1,c2,c3) are used to help meet conducted emissions requirement for the module. these components should be mounted as close as possible to the module; and all leads should be minimized to decrease radiated noise. 79dbuv from 0.15-0.5mhz and 73dbuv from 0.5-30mhz dc/dc converter +vout -vout +vin -vin c1 load c1 0 c2 0 c3 none rra-24xxxx ml cc,1uf, 250v rra-110xxx c2 c3 +vout -vout 10uf 0.1uf resistive load scope copper strip single dc/dc converter + design & feature configurations
note mechanical specifications pin connections p in number 2 3 1 1 9 14 16 22 23 single - v input - v input - v input - v input + v output +v output n . p. common n.c. - v output - v output c o mmon + v input + v input + v input + v input dual all dimensions are typical in millimeters ( inches ). 1. pin diameter: 0.5 0.05 ( 0.02 0.002 ) 2. pin pitch and length tolerance: 0.35 ( 0.014 ) 3. case tolerance: 0.5 ( 0.02 ) 4. stand-off tolerance: 0.1 ( 0.004 ) 24 pin dil package nickel-coated copper bottom view 31.8 (1.25) 20.3 (0.80) 22.86 (0.90) 0.50 (0.02) 2.54 (0.10) 0.50 (0.02) 15.24 (0.60) 5.08 (0.20) 23 23 22 11 16 14 9 4.42 (0.17) 5.01 (0.19) dia 1.0 (0.04) printed face 10.2 (0.4) 3.00 (0.12) 0.5 (0.02) dc-dc converter rra-xxxxxxxx r s g xxxx 1 1 c trl c t rl rw - 8w ultra wide input regulated single & dual output rra-2405s08 efficiency vs output current 70 75 80 85 90 20% 40% 60% 80% 100% full load (%) efficiency(%) lo line nominal hi line rra-11012s08 efficiency vs output current 60 65 70 75 80 85 90 20% 40% 60% 80% 100% full load (%) efficiency(%) lo line nominal hi line t ypical operating conditions note electrical characteristic curves dc/dc-converter rra-s08/d08 tpopo dual output dc/dc-converter 8.0w ultra wide input regulated single & dual output we energize electronics! an acal group company we energize electronics! rsg electronic components gmbh ? sprendlinger ldst. 115 ? 63069 offenbach ?+49 69-984047-0 ? rsg-electronic.de stand juni 2016 rev 01 vvv d the models listed here are just standard type. if you need a product with special specifcaton or you have questons regarding packing standards (tube oder tape/reel) as well as applicaton support, please contact our specialists: sales @ rsg-electronic.de or +49 69-984047-41/-28


▲Up To Search▲   

 
Price & Availability of RRA-2405D08A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X